Part Number Hot Search : 
68HC908G F30U60DN 0N06S 1N4728AG OP20HP 030408 DFA064 100TR
Product Description
Full Text Search
 

To Download KBPC4000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead free: for rohs / lead free version kbpc40 series 40 a glass passivated high current single-phase bridge rectifier 1 of 2 www.senocn.com z ibo seno electronic engineering co., ltd. kbpc40 series features ! d i ffused junction a a ! low reverse leakage current c c ! l o w power loss, high efficiency g g ! electrically isolated metal case for ~ ~ + m a ximum heat dissipation d + c c ! cas e to terminal isolation voltage 2500v - ~ - ~ d  h h mechanic al d ata e e ! case: kbpc (metal case with faston lugs) b b or kbpc-w (metal case with wire leads) ! terminals: plated faston lugs or wire leads, add ?w? suffix to indicate wire leads ! polarity: as marked on case ! mounting: through hole with #10 screw ! mounting torque: 23 cm-kg (20 in-lbs) max. ! weight: 30 grams (kbpc); 28 grams (kbpc-w) ! marking: type number ! maximum r a tings and electrical characteristics @t a =25 c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. kbpc40 characteris ti c symbol 00 01 02 04 06 08 10 12 14 16 unit p eak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 1200 1400 1600 v rm s reverse voltage v r(rm s) 35 70 140 280 420 560 700 840 980 1120 v a v erage rectified output current @t a = 60 c i o 40 a non-repet i tive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 400 a forward v ol tage per leg @i f = 20a v fm 1.2 v peak reverse current @t c = 25 c at rated dc blocking voltage @t c = 125 c i rm 10 1.0 a ma i 2 t rat i ng for fusing (t < 8.3ms) i 2 t 664 a 2 s t y pical junction capacitance (note 1) c j 300 pf ty pical thermal resistance per leg (note 2) r  jc 2.1 c/ w rm s isolation voltage from case to leads v iso 2500 v operat i ng and storage temperature range t j , t stg -65 to +150 c note : 1. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to case, mounted on heatsink. kbpc kbpc- w dim m in max min max a 27. 94 28. 96 27.94 28.96 b 10. 97 1 1.23 10.97 11.23 c 15. 50 17. 60 17.10 19.10 d 17. 50 18. 50 10.90 11.90 e 22. 86 25. 40 30.50 ? g ho l e for #10 screw, 5.08? nominal h 6.3 5 t ypical 0.97? 1.07? al l dim ension in mm kbp c kbp c- w


▲Up To Search▲   

 
Price & Availability of KBPC4000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X